Part Number Hot Search : 
F9498 K400124 PK100 CNB2301 SBR101 204C131 04300 105L2
Product Description
Full Text Search
 

To Download 2SD2061 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
TO-220F Plastic-Encapsulate Transistors
2SD2061
TRANSISTOR (NPN)
TO-220F
1. BASE
FEATURES Low saturation voltage Excellent DC current gain characteristice
2. COLLECTOR 3. EMITTER
MAXIMUM RATINGS (TA=25 unless otherwise noted)
Symbol VCBO VCEO VEBO IC PC
www..com
Paramenter Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current -Continuous Collector Power Dissipation Junction Temperature Storage Temperature Range
Value 80 60 5 3 2 150 -55-150
Units V V V A W
Tj
Tstg
ELECTRICAL CHARACTERISTICS (Tamb=25 unless
Parameter Collector-base breakdown voltage Collector-emitter breakdown voltage Emitter-base breakdown voltage Collector cut-off current Emitter cut-off current DC current gain Collector-emitter saturation voltage Base-emitter saturation voltage Transition frequency Collector output capacitance Symbol V(BR)CBO V(BR)CEO V(BR)EBO ICBO IEBO hFE VCE(sat) VBE(sat) fT Cob Test
otherwise
conditions
specified)
MIN 80 60 5 10 10 100 320 1 1.5 8 70 V V MHz pF TYP MAX UNIT V V V A A
IC=50A, IE=0 IC=1mA, IB=0 IE=50A, IC=0 VCB=60V, IE=0 VEB=4V, IC=0 VCE=5V, IC=0.5A IC=2A, IB=0.2A IC=2A, IB=0.2A VCE=5V, IC=0.5A, f=5MHz VCB=10V, IE=0, f=1MHz
Typical Characteristics
2SD2061
www..com


▲Up To Search▲   

 
Price & Availability of 2SD2061

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X